PART |
Description |
Maker |
0194170047 |
MX150L?/a> Male Terminal for 14-16 AWG Wire, Length 25.40mm (1.00)
|
Molex Electronics Ltd.
|
0194320001 |
MX150L?/a> 4 Circuit Female Receptacle for 10-12 AWG Wire MOLEX Connector
|
Molex Electronics Ltd.
|
19017-0016 19016-0042 19016-0001 19016-0085 19017- |
.205X.032 FEMALE QD INSUL.TAPE (BB-2191- 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187 X .020 FEM.QD KRIMP. TAPE (BB-1138T 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL Etc Butt Seam Recept WR:22-18, KSS-1755-C 0.8 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD KRIMPTITE (P-1142) 3.3 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187X.032 FEMALE QD INSULKRIMP (AA-2137- 0.8 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL 190160043 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD VIBRA.TAPED (P-4178T) 3.3 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .205X.020 FEMALE QD INSUL.TAPE (AA-2190T 0.8 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .110X.020 FEM.QD INSULKRIMP (BB-2132) 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .205 X .032 FEM.QD INSULKRIMP (BB-2191-0
|
Molex, Inc. MOLEX INC
|
010-18-1036 0010-18-1036 001018-1036 010181036 001 |
2.36mm Diameter Standard .093 Pin and Socket Header, Shrouded, 3 Circuits, 1 Female Terminal, 1 Male Terminal
|
Molex Electronics Ltd.
|
0330014003 33001-4003 SD-33012-002 |
MX150 Female Terminal, Silver (Ag) Plating MX150垄芒 Female Terminal, Silver (Ag) Plating
|
Molex Electronics Ltd.
|
0194280009 SD-19428-001 |
5.84mm (.230) Pitch MX150L 5.84mm (.230") Pitch MX150L??/a> MOLEX Connector
|
Molex Electronics Ltd.
|
0194280014 SD-19428-006 |
5.84mm (.230) Pitch MX150L 5.84mm (.230") Pitch MX150L??/a> MOLEX Connector
|
Molex Electronics Ltd.
|
19019-0052 19019-0037 19019-0057 19019-0049 19019- |
.250X.032 FEM.QD AVIKRIMP (P-8142) 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL CONN .250 FEMALE INSUL 10-12AWG 6 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD AVIK./REEL (PZ-8142) 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187X.032 FEM.QD AVIKRIMP (P-8139-032) 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL 190190054 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187X.020 FEM.QD AVIK. TAPED (BB-8138T) 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .205 X .032 FEM.QD AVIKRIMP (BB-8191-032 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL CONN .187 FEMALE INSUL 14-16AWG 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD AVIK. TAPED (C-8143T)
|
Molex, Inc. MOLEX INC
|
0330123003 33001-2003 |
MX150 Female Terminal
|
Molex Electronics Ltd.
|
0350289010 35028-9010 |
1.78mm (.070") Tab Terminal, Female, 18-22 AWG (0.82-0.33mm虏), Pre-Tin PlatedReel 1.78mm (.070) Tab Terminal, Female, 18-22 AWG (0.82-0.33mm2), Pre-Tin PlatedReel
|
Molex Electronics Ltd.
|
0500588100 50058-8100 |
1.25mm (.049) Pitch PicoBlade Crimp Terminal, Female, 28-32 AWG, Bag 1.25mm (.049) Pitch PicoBlade?/a> Crimp Terminal, Female, 28-32 AWG, Bag MOLEX Connector
|
Molex Electronics Ltd.
|
35746-0210 35746-0110 35746-0410 |
.070 FEMALE TERMINAL(A-TYPE)
|
Molex Electronics Ltd.
|
|